Part Number Hot Search : 
STS8205 8N80C 4511B 28F00 SCS205KG HEF4010 250BZX RL3705N
Product Description
Full Text Search
 

To Download EEEFKA221XAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) a0.2 w ( ) reference size l 0 d0.5 h b0.2 (i) k (p) (i) + ? 0.3 max. pressure relief ( 0 10 and larger) 22 fk j capacitance (f) rated voltage code series identi?cation lot number negative polarity marking (?) mark for lead-free products (black dot) frequency correction factor for ripple current endurance : 105 c 2000 h low impedance (40 % to 60 % less than fc series) miniaturized (30 % to 50 % less than fc series) vibration-proof product is available upon request. ( 0 8 mm and larger) rohs compliant features specifi cations dimensions marking (unit : mm) surface mount type series : fk type : v high temperature lead-free refl ow (suffix : a ? ) category temperature range ?55 c to +105 c rated voltage range 6.3 v.dc to 35 v.dc capacitance range 4.7 f to 1500 f capacitance tolerance 20 % (120 hz/+20 c) leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) dissipation factor (tan d ) please see the attached characteristics list characteristics at low temperature v.dc 6.3 10 16 25 35 (impedance ratio at 120 hz) z(?25 c)/z(+20 c) 22222 z(?40 c)/z(+20 c) 33333 z(?55 c)/z(+20 c) 44433 endurance after applying rated working voltage for 2000 hours at +105 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change within 30 % of the initial value tan d < 200 % of the initial limit dc leakage current within the initial limit shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20 c, capacitor shall meet the following limits. capacitance change within 10 % of the initial value tan d within the initial limit dc leakage current within the initial limit aec-q200 aec-q200 compliant example : 6.3 v.dc 22 f marking color : black size code 0 d l a, b h iwpk b 4.0 5.80.3 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 - 0.20 c 5.0 5.80.3 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 - 0.20 d 6.3 5.80.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 d8 6.3 7.70.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 e 8.0 6.20.3 8.3 9.5 max. 3.4 0.650.1 2.2 0.35 - 0.20 f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.20 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.20 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 frequency (hz) capacitance (f) 120 1 k 10 k 100 k to 4.7 to 470 0.65 0.85 0.95 1.00 680 to 1500 0.70 0.90 0.95 1.00 r. voltage (v.dc) 6.3 10 16 25 35 code j acev mar. 2016 04
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) endurance : 105 c 2000 h rated voltage (v.dc) cap. (20 %) (f) case size (mm) size ? code speci? cation part no. re? ow min. packaging q'ty 0 dl ripple current (100 khz) (+105 c) (ma r.m.s.) impedance (100 khz) (+20 c) ( ) tan d (120 hz) (+20 c) taping (pcs) 6.3 22 4 5.8 b 90 1.35 0.26 eeefk0j220ar (5) 2000 47 45.8(b)901.350.26 eeefkj470uar (5) 2000 5 5.8 c 160 0.70 0.26 eeefk0j470ar (5) 1000 100 5 5.8 (c) 160 0.70 0.26 eeefkj101uar (5) 1000 6.3 5.8 d 240 0.36 0.26 eeefk0j101ap (5) 1000 220 6.3 5.8 d 240 0.36 0.26 eeefk0j221ap (5) 1000 330 6.3 7.7 d8 280 0.34 0.26 eeefkj331xap (5) 900 8 6.2 e 300 0.26 0.26 eeefk0j331ap (6) 1000 470 8 10.2 f 600 0.16 0.26 eeefk0j471ap (6) 500 1000 8 10.2 f 600 0.16 0.26 eeefk0j102ap (6) 500 1500 10 10.2 g 850 0.08 0.26 eeefk0j152ap (6) 500 10 22 4 5.8 b 90 1.35 0.19 eeefk1a220ar (5) 2000 33 45.8(b)901.350.19 eeefka330uar (5) 2000 5 5.8 c 160 0.70 0.19 eeefk1a330ar (5) 1000 150 6.3 5.8 d 240 0.36 0.19 eeefk1a151ap (5) 1000 220 6.3 7.7 d8 280 0.34 0.19 EEEFKA221XAP (5) 900 8 6.2 e 300 0.26 0.19 eeefk1a221ap (6) 1000 3 3 0 8 10. 2 f 6 0 0 0.16 0.19 eeefk1a331ap (6) 500 470 8 10. 2 f 6 0 0 0.16 0.19 eeefk1a471ap (6) 500 6 8 0 8 10. 2 f 6 0 0 0.16 0.19 eeefk1a681ap (6) 500 1000 10 10.2 g 850 0.08 0.19 eeefk1a102ap (6) 500 16 10 4 5.8 b 90 1.35 0.16 eeefk1c100ar (5) 2000 22 45.8(b)901.350.16 eeefkc220uar (5) 2000 5 5.8 c 160 0.70 0.16 eeefk1c220ar (5) 1000 47 5 5.8 (c) 160 0.70 0.16 eeefkc470uar (5) 1000 6.3 5.8 d 240 0.36 0.16 eeefk1c470ap (5) 1000 68 6.3 5.8 d 240 0.36 0.16 eeefk1c680ap (5) 1000 100 6.3 5.8 d 240 0.36 0.16 eeefk1c101ap (5) 1000 150 6.3 7.7 d8 280 0.34 0.16 eeefkc151xap (5) 900 220 6.3 7.7 d8 280 0.34 0.16 eeefkc221xap (5) 900 8 6.2 e 300 0.26 0.16 eeefk1c221ap (6) 1000 3 3 0 8 10. 2 f 6 0 0 0.16 0.16 eeefk1c331ap (6) 500 470 8 10. 2 f 6 0 0 0.16 0.16 eeefk1c471ap (6) 500 680 10 10.2 g 850 0.08 0.16 eeefk1c681ap (6) 500 25 10 4 5.8 b 90 1.35 0.14 eeefk1e100ar (5) 2000 22 5 5.8 c 160 0.70 0.14 eeefk1e220ar (5) 1000 33 5 5.8 (c) 160 0.70 0.14 eeefke330uar (5) 1000 6.3 5.8 d 240 0.36 0.14 eeefk1e330ap (5) 1000 47 6.3 5.8 d 240 0.36 0.14 eeefk1e470ap (5) 1000 68 6.3 5.8 d 240 0.36 0.14 eeefk1e680ap (5) 1000 100 6.3 7.7 d8 280 0.34 0.14 eeefke101xap (5) 900 8 6.2 e 300 0.26 0.14 eeefk1e101ap (6) 1000 15 0 8 10. 2 f 6 0 0 0.16 0.14 eeefk1e151ap (6) 500 2 2 0 8 10. 2 f 6 0 0 0.16 0.14 eeefk1e221ap (6) 500 3 3 0 8 10. 2 f 6 0 0 0.16 0.14 eeefk1e331ap (6) 500 470 10 10.2 g 850 0.08 0.14 eeefk1e471ap (6) 500 35 4.7 4 5.8 b 90 1.35 0.12 eeefk1v4r7ar (5) 2000 10 45.8(b)901.350.12 eeefkv100uar (5) 2000 5 5.8 c 160 0.70 0.12 eeefk1v100ar (5) 1000 22 5 5.8 c 160 0.70 0.12 eeefk1v220ar (5) 1000 33 6.3 5.8 d 240 0.36 0.12 eeefk1v330ap (5) 1000 47 6.3 5.8 d 240 0.36 0.12 eeefk1v470ap (5) 1000 68 6.3 7.7 d8 280 0.34 0.12 eeefkv680xap (5) 900 100 6.3 7.7 d8 280 0.34 0.12 eeefkv101xap (5) 900 8 10. 2 f 6 0 0 0.16 0.12 eeefk1v101ap (6) 500 15 0 8 10. 2 f 6 0 0 0.16 0.12 eeefk1v151ap (6) 500 2 2 0 8 10. 2 f 6 0 0 0.16 0.12 eeefk1v221ap (6) 500 330 10 10.2 g 850 0.08 0.12 eeefk1v331ap (6) 500 ? size code( ) : miniaturization product if part number exceeds 12 digits, voltage code is abbreviated as follows; 0j j, 1a a, 1c c, 1e e, 1v v please refer to the page of ?re? ow pro? le? and ?the taping dimensions?. when requesting vibration-proof product, please put the last ?v? instead to ?p? characteristics list mar. 2016 04


▲Up To Search▲   

 
Price & Availability of EEEFKA221XAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X